Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 162 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 162 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 355 page
background image
2-74
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Fig. 2.3.52 Registers setting relevant to transmission side
Serial I/O2 status register (address 001E 16)
SIO2STS
Transmission side
Baud rate generator (address 0016 16)
BRG
0516
SIO2CON
10 0 1
0 1
0
UART control register (address 0017 16)
UARTCON
0
01
0
f(XIN)
Transfer bit rate ! 16 ! m
– 1
b7
b0
Serial I/O2 control register (address 001D 16)
b7
b0
b7
b0
b7
b0
Set
When bit 0 of SIO2CON (address 001D 16) is set to “0”,
a value of m is 1.
When bit 0 of SIO2CON is set to “1”, a value of m is 4.
V
V
BRG count source : f(XIN)/4
Serial I/O2 synchronous clock : BRG/16
Transmit enabled
Receive disabled
Asynchronous serial I/O (UART)
Serial I/O2 enabled
SRDY2
output disabled
Character length : 8 bits
Parity checking disabled
P55/TXD pin : CMOS output
Stop bit length : 2 stop bits
Transmit buffer empty flag
• Confirm that tha data has been transferred from Transmit buffer
register to Transmit shift register.
• When this flag is “1”, it is possible to write the next transmission
data in to Transmit buffer register.
Transmit shift register shift completion flag
Confirm completion of transmitting 1-byte data with this flag.
“1” : Transmit shift completed
0
BRG clock : f(XIN)
Figure 2.3.52 shows the registers setting relevant to the transmission side; Figure 2.3.53 shows the
registers setting relevant to the reception side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com