Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 159 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 159 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-71
2.3 Serial I/O
q Control in the slave unit
After setting the relevant registers as shown in Figure 2.3.47, the slave unit becomes the state
where a synchronous clock can be received at any time, and the serial I/O2 receive interrupt
request bit is set to “1” each time an 8-bit synchronous clock is received.
In the serial I/O2 receive interrupt processing routine, the data to be transmitted next is written to
the transmit buffer register after the received data is read out.
However, if no serial I/O2 receive interrupt occurs for a certain time (heading adjustment time or
more), the following processing will be performed.
1. The first 1-byte data of the transmission data in the block is written into the transmit buffer register.
2. The data to be received next is processed as the first 1 byte of the received data in the block.
Figure 2.3.49 shows a control procedure of the slave unit using the serial I/O2 receive interrupt
and any timer interrupt (for heading adjustment).
Fig. 2.3.49 Control procedure of slave unit
Write a transmission data
Read a reception data
N
Within a block transfer
term?
Y
Y
A received byte
counter
≥ 8?
N
RTI
Write dummy data (FF 16)
A received byte counter +1
Heading
adjustment
counter
Initial
value
(Note 3)
Serial I/O2 receive interrupt
processing routine
Timer interrupt processing
routine
Heading adjustment
counter – 1
N
Heading adjustment
counter = 0?
Y
RTI
Write the first transmission
data (first byte) in a block
A received byte counter
0
Confirmation of the received
byte counter to judge the
block transfer term
In this example, set the value which is equal to the
heading adjustment time divided by the timer interrupt
cycle as the initial value of the heading adjustment
counter.
For example: When the heading adjustment time is 8 ms
and the timer interrupt cycle is 1 ms, set
8 as the initial value.
3:
q
CLT (Note 1)
CLD (Note 2)
Push register to stack
Pushing the register used in
the interrupt processing
routine into the stack
q
CLT (Note 1)
CLD (Note 2)
Push register to stack
Pushing the register used
in the interrupt processing
routine into the stack.
q
Pop registers
Popping registers which is
pushed to stack
q
Pop registers
Popping registers which is
pushed to stack
q
Notes 1: When using the Index X mode flag (T).
2: When using the Decimal mode flag (D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com