Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 168 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 168 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 355 page
background image
2-80
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
2.3.10 Notes on serial I/O2
(1)
Notes when selecting clock synchronous serial I/O
Œ Stop of transmission operation
As for the serial I/O2 that can be used as either a clock synchronous or an asynchronous (UART)
serial I/O, clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O2 enable bit is cleared to “0” (serial I/O2 disabled), the internal transmission is running
(in this case, since pins TxD, RxD, SCLK21, SCLK22 and SRDY2 function as I/O ports, the transmission
data is not output). When data is written to the transmit buffer register in this state, data starts to
be shifted to the transmit shift register. When the serial I/O2 enable bit is set to “1” at this time,
the data during internally shifting is output to the TxD pin and an operation failure occurs.
 Stop of receive operation
As for the serial I/O2 that can be used as either a clock synchronous or an asynchronous (UART)
serial I/O, clear the receive enable bit to “0” (receive disabled), or clear the serial I/O2 enable bit
to “0” (serial I/O2 disabled).
Ž Stop of transmit/receive operation
As for the serial I/O2 that can be used as either a clock synchronous or an asynchronous (UART)
serial I/O, simultaneously clear both the transmit enable bit and receive enable bit to “0” (transmit
and receive disabled).
(when data is transmitted and received in the clock synchronous serial I/O mode, any one of data
transmission and reception cannot be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used for transmission and reception.
If any one of transmission and reception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also operates for data reception. Accordingly,
the transmission circuit does not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit is not initialized by clearing the serial I/O2 enable bit to
“0” (serial I/O2 disabled) (refer to (1), Œ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com