Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 220 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 220 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 216Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 217Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 218Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 219Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 220Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-132
2.6 PWM
2.6 PWM
This paragraph describes the setting method of PWM relevant registers, notes etc.
2.6.1 Memory assignment
Fig. 2.6.1 Memory assignment of PWM relevant registers
2.6.2 Relevant registers
Fig. 2.6.2 Structure of PWM register (high-order)
PWM register (high-order) (PWMH)
001416
Address
PWM register (low-order) (PWML)
001516
PWM control register (PWMCON)
002616
b
0
Functions
At reset R W
1
2
3
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
4
5
6
7
PWM register (high-order)
b7 b6 b5 b4 b3 b2 b1 b0
PWM register (high-order)
(PWMH: address 1416)
• High-order 8 bits of PWM0 output data is set.
• The values set in this register is transferred to
the PWM latch each sub-period cycle (64
µs).
(At f(XIN) = 4 MHz)
• When this register is read out, the value of the
PWM register (high-order) is read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com