Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 222 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 222 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 218Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 219Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 220Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-134
2.6 PWM
2.6.3 PWM application example
(1)
Control of VS tuner
Figure 2.6.5 shows a connection diagram, and Figure 2.6.6 shows the setting of relevant registers.
Fig. 2.6.5 Connection diagram
Outline: • Control of VS tuner by using the 14-bit resolution PWM0 output function
• f(XIN) = 4 MHz
Fig. 2.6.6 Setting of relevant registers
P87/PWM0/FLD39
Filter
VT
ANT
0–32 V
VS tuner
38B5 Group
PWM control register (address 002616)
PWMCON
1
Select PWM output
Note: The PWM output function has priority even when the
bit corresponded to the P87 pin of the port P8 direction
register is set to the input mode.
PWM register (high-order) (address 001416)
Set high-order 8 bits (N) of a 14-bit data to be output
PWMH
Note: Depending on data (N) of the high-order 8 bits, the period (250
! N) of the “H” level during the sub period (64
µs) is
determined.
PWM register (low-order) (address 001516)
Set low-order 6 bits (m) of a 14-bit data to be output
PWML
Note: Depending on data (m) of the low-order 6 bits, the number of
sub period to which the ADD bit is to be added within the
repetitive cycle consisting of 64 sub periods is determined.
When output data is written to the PWM register (low-order),
bit 7 of this register becomes “1”. When completing to transfer
data from the PWM register (low-order) to the PWM latch, bit 7
becomes “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com