Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 225 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 225 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 227Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 228Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 229Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-137
2.7 Interrupt interval determination function
Fig. 2.7.3 Structure of interrupt interval determination control register
Fig. 2.7.4 Structure of interrupt edge selection register
Interrupt interval determination control register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt interval determination control register
(IIDCON: address 3116)
0: Stopped
1: Operating
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: f(XIN)/128
1: f(XIN)/256
0
0 0: Filter is not used.
0 1: f(XIN)/32
1 0: f(XIN)/64
1 1: f(XIN)/128
0
0
0
0
0
0
Counter sampling
clock selection bit
One-sided/both-
sided edge
detection selection
bit
Noise filter
sampling clock
selection bits (INT2)
b3 b2
0: One-sided edge
detection
1: Both-sided edge
detection (Note)
Interrupt interval
determination circuit
operating selection
bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Note: When the noise filter sampling clock selection bits (bits 2, 3) is
“00”, the both-sided edge detection function cannot be used.
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt edge selection register
(INTEDGE : address 3A16)
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0
0
0
0
0
INT0 interrupt edge
selection bit
INT1 interrupt edge
selection bit
INT3 interrupt edge
selection bit (Note)
INT4 interrupt edge
selection bit
INT2 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
6
7
0
0
CNTR0 pin edge
switch bit
CNTR1 pin edge
switch bit (Note)
0 : Rising edge count
1 : Falling edge count
0 : Rising edge count
1 : Falling edge count
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Note: In the mask option type P, these bits are not available because
CNTR1 function and INT3 function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com