Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 228 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 228 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 227Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 228Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 229Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 230Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 231Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-140
2.7 Interrupt interval determination function
2.7.3 Interrupt interval determination function application examples
(1)
Reception of remote-control signal
Outline: Remote-control signal is read in by both of the interrupt interval determination function using
a noise filter and a timer interrupt.
Fig. 2.7.7 Connection diagram
Specifications: • Measurement of one-sided edge interval
• Use of noise filter
• Check of remote control interrupt request within the timer 2 interrupt (488
µs
period) processing routine
• Operation at f(XIN) = 4 MHz in high-speed mode
Figure 2.7.8 shows the function block diagram, and Figure 2.7.9 shows a timing chart of data
determination.
Fig. 2.7.8 Function block diagram
Fig. 2.7.9 Timing chart of data determination
P47/INT2
Receiver
unit
38B5 Group
Remote controller
Noise filter
Interrupt interval
determination
register
Determination
of header or
0/1
1-byte
reception
Data
check
• Recognition bit
number of each
code
• Read out register
• Comparison of
read out value with
reference value
Microcomputer hardware
Microcomputer software
• Noise elimination
• One-sided edge
detection
• One-sided edge
interval
judgment
Receiver
unit
Input (INT2)
Interrupt request
Timer 2 interrupt
(488
µs)
Interrupt interval
determination
register read-in
Data determinationIgnoreHeader0
1
1
Check of excess bit
(Overflow)
1-byte reception
• • •IgnoreIgnore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com