Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 224 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 224 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 220Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 227Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 228Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-136
2.7 Interrupt interval determination function
2.7 Interrupt interval determination function
This paragraph describes the setting method of interrupt interval determination function relevant registers,
notes etc.
2.7.1 Memory assignment
Fig. 2.7.1 Memory assignment of interrupt interval determination function relevant registers
2.7.2 Relevant registers
Fig. 2.7.2 Structure of interrupt interval determination register
Interrupt interval determination register (IID)
003016
Address
Interrupt interval determination control register (IIDCON)
003116
Interrupt edge selection register (INTEDGE)
Interrupt request register 1 (IREQ1)
Interrupt control register 1 (ICON1)
003A16
003C16
003E16
Interrupt interval determination register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt interval determination register
(IID: address 3016)
b
0
1
2
3
4
5
6
7
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Functions
At reset R W
• This register stores a value which is obtained
by counting a following interval with the
counter sampling clock.
Rising interval
Falling interval
Both edges interval (Note)
(Selected by interrupt edge selection register)
• Read exclusive register
Note: When the noise filter sampling clock selection bits (bits 2, 3) of
the interrupt interval determination control register is “00”, the
both-sided edge detection function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com