Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 24Page - Infineon Technologies AG DPS310 Datasheet HTML 25Page - Infineon Technologies AG DPS310 Datasheet HTML 26Page - Infineon Technologies AG DPS310 Datasheet HTML 27Page - Infineon Technologies AG DPS310 Datasheet HTML 28Page - Infineon Technologies AG DPS310 Datasheet HTML 29Page - Infineon Technologies AG DPS310 Datasheet HTML 30Page - Infineon Technologies AG DPS310 Datasheet HTML 31Page - Infineon Technologies AG DPS310 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
8.2.2
TMP_B1
The middle byte of the three bytes measured temperature value.
TMP_B1
Address:
04H
Temperature (LSB data)
Reset value:
00H
7
6
5
4
3
2
1
0
TMP15
TMP14
TMP13
TMP12
TMP11
TMP10
TMP9
TMP8
r
Field
Bits
Type
Description
TMP[15:8]
7:0
r
LSB of 24 bit 2´s complement temperature data.
8.2.3
TMP_B0
The lowest part of the three bytes measured temperature value.
TMP_B0
Address:
05H
Temperature (XLSB data)
Reset value:
00H
7
6
5
4
3
2
1
0
TMP7
TMP6
TMP5
TMP4
TMP3
TMP2
TMP1
TMP0
r
Field
Bits
Type
Description
TMP[7:0]
7:0
r
XLSB of 24 bit 2´s complement temperature data.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
28
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com