Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 3Page - Infineon Technologies AG DPS310 Datasheet HTML 4Page - Infineon Technologies AG DPS310 Datasheet HTML 5Page - Infineon Technologies AG DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
3.2
Absolute Maximum Ratings
Maximum ratings are absolute ratings. Exceeding any one of these values may cause irreversible damage to the
integrated circuit.
Attention: Stresses above the values listed as "Absolute Maximum Ratings" may cause permanent damage
to the devices. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 4
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit Note / Test
Condition
Min.
Typ. Max.
VDD and VDDIO
VDDxx_max
4
V
Voltage on any pin
Vmax
4
V
Storage temperature
Ts
-40
125
°C
Pressure
Pmax
10,000
hPa
ESD
VESD_HBM
-2
2
KV
HBM (JS001)
3.3
Current Consumption
Test conditions (unless otherwise specified in the table): VDD= 1.8V and VDDIO=1.8V. Typ. values (PA=1000hPa and
TA=25°C). Max./Min. values (PA= 950-1050hPa and TA=0...+65°C).
Table 5
Current Consumption
Parameter
Symbol Values
Unit Note / Test Condition
Min.
Typ.
Max.
Peak Current Consumption
Ipeak
345
µA
during Pressure
measurement
280
µA
during Temperature
measurement
Standby Current Consumption
Istb
0.5
µA
Current Consumption.
( 1 measurement per second.)
I1Hz
2.1
µA
Low precision
11
Standard precision
38
High precision
Note: The current consumption depends on both pressure measurement precision and rate. Please refer to the
Pressure Configuration (PRS_CFG) register description for an overview of the current consumption in different
combinations of measurement precision and rate.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Specifications
7
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com