Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
4.7
Result Register Operation
After starting the measurements, the latest pressure and temperature raw data will be available in their
respective result registers. Temperature measurement can be skipped. The temperature measurements can be
disabled if there is a requirement to measure pressure rapidly, but it will make accurate temperature drift
compensation impossible.
All measurement data can be read in a single command using auto-increment read. When FIFO is disabled,
reading the result register will not affect the register value, it will only be updated when a new measurement is
completed. When FIFO is enabled, the pressure result register will update to the next value in the FIFO after each
read. When all of the FIFO values have been read, the result register will be set to 0x800000.
4.8
FIFO Operation
The DPS310 FIFO can store the last 32 measurements of pressure or temperature. This reduces the overall
system power consumption as the host processor does not need to continuously poll data from the sensor but
can go into standby mode for longer periods of time.
The FIFO can store any combination of pressure and temperature results, according to the background mode
measurement rate settings. The pressure rate can for instance be set 4 times higher than the temperature rate
and thus only every fifth result will be a temperature result. The measurement type can be seen in the result
data. The sensor will set the least significant bit to:
• '1' if the result is a pressure measurement.
• '0' if it is a temperature measurement.
- The sensor uses 24 bits to store the measurement result. Because this is more bits than is needed to cover
the full dynamic range of the pressure sensor, using the least significant bit to label the measurement
type will not affect the precision of the result.
The FIFO can be enabled in the Interrupt and FIFO configuration register. The data from the FIFO is read out
from the Pressure Data (PRS_Bn) registers regardless of whether the next result in the FIFO is a temperature or a
pressure measurement.
When a measurement has been read out, the FIFO will auto increment and place the next result in the data
register. A flag will be set in the FIFO Status register when the FIFO is empty and all following reads will return
0x800000.
If the FIFO is full, the FIFO_FULL bit in the FIFO Status (FIFO_STS)will be set. If the INT_FIFO bit in the Interrupt
and FIFO configuration register ( CFG_REG) is set, an interrupt will also be generated when the FIFO is full.
The FIFO will stop recording measurements results when it is full.
4.9
Calibration and Measurement Compensation
The DPS310 is a calibrated sensor and contains calibration coefficients. These are used in the application (for
instance by the host processor) to compensate the measurement results for sensor non-linearities.
The sections that follow describe how to calculate the compensated results and convert them into Pa and °C
values.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Functional Description
13
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com