Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 1 Page - Infineon Technologies AG

  DPS310 Datasheet HTML 1Page - Infineon Technologies AG DPS310 Datasheet HTML 2Page - Infineon Technologies AG DPS310 Datasheet HTML 3Page - Infineon Technologies AG DPS310 Datasheet HTML 4Page - Infineon Technologies AG DPS310 Datasheet HTML 5Page - Infineon Technologies AG DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
DPS310 Digital Pressure Sensor
Product Description
The DPS310 is a miniaturized Digital Barometric Air Pressure Sensor with a high accuracy
and a low current consumption, capable of measuring both pressure and temperature.
The pressure sensor element is based on a capacitive sensing principle which
guarantees high precision during temperature changes. The small package makes the
DPS310 ideal for mobile applications and wearable devices.
The internal signal processor converts the output from the pressure and temperature
sensor elements to 24 bit results. Each unit is individually calibrated, the calibration
coefficients calculated during this process are stored in the calibration registers. The
coefficients are used in the application to convert the measurement results to high
accuracy pressure and temperature values.
The result FIFO can store up to 32 measurement results, allowing for a reduced host processor polling rate.
Sensor measurements and calibration coefficients are available through the serial I2C or SPI interface. The
measurement status is indicated by status bits or interrupts on the SDO pin.
Features
• Operation range: Pressure: 300 –1200 hPa. Temperature: -40 – 85 °C.
• Pressure sensor precision: ± 0.005 hPa (or ±0.05 m) (high precision mode).
• Relative accuracy: ± 0.06 hPa (or ±0.5 m)
• Absolute accuracy: ± 1 hPa (or ±8 m)
• Temperature accuracy: ± 0.5°C.
• Pressure temperature sensitivity: 0.5Pa/K
• Measurement time: Typical: 27.6 ms for standard mode (16x). Minimum: 3.6 ms for low precision
mode.
• Average current consumption: 1.7 µA for Pressure Measurement, 1.5uA for Temperature
measurement @1Hz sampling rate, Standby: 0.5 µA.
• Supply voltage: VDDIO: 1.2 – 3.6 V, VDD: 1.7 – 3.6 V.
• Operating modes: Command (manual), Background (automatic), and Standby.
• Calibration: Individually calibrated with coefficients for measurement correction.
• FIFO: Stores up to 32 pressure or temperature measurements.
• Interface: I2C and SPI (both with optional interrupt)
• Package dimensions: 8-pin LGA, 2.0 mm x 2.5 mm x 1.0 mm.
• Green Product (RoHS) Compliant
Typical Applications
• Indoor Navigation (floor detection e.g. in shopping malls and parking garages)
• Health and Sports (accurate elevation gain and vertical speed)
• Outdoor Navigation (GPS start-up time and accuracy improvement, dead-reckoning e.g. in tunnels)
• Weather Station('Micro-weather' and local forecasts)
• HDD drivers, (leak rate detection in hard disk drives)
• Drones (flight stability and height control)
Please read the Important Notice and Warnings at the end of this document
V1.0
www.infineon.com
2016-09-05


Similar Part No. - DPS310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
2Mb / 17P
Pressure Sensor 2Go Kit
11/2/2022
DPS310 INFINEON-DPS310_V01 Datasheet
2Mb / 17P
Pressure Sensor 2Go Kit
11/2/2022
More results

Similar Description - DPS310

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
logo
Infineon Technologies A...
DPS422 INFINEON-DPS422 Datasheet
890Kb / 46P
Digital barometric pressure & temp sensor for portable and IOT devices
V1.3 2018-08-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com