Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG DPS310 Datasheet HTML 37Page - Infineon Technologies AG DPS310 Datasheet HTML 38Page - Infineon Technologies AG DPS310 Datasheet HTML 39Page - Infineon Technologies AG DPS310 Datasheet HTML 40Page - Infineon Technologies AG DPS310 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Revision History
Reference
Description
0.3
Changes:
• New formula for pressure compensation.
• New formula for temperature compensation.
• Changed compensation coefficient mapping in the Calibration Coefficient register.
• Added temperature Coefficient Source register.
• Added Known Issues list.
• Minor layout changes in all the register descriptions.
• Expanded test condition range for the absolute pressure accuracy specification.
0.4
Changes
• Temperature accuracy
• Update Known Issues list
• Update Regiser Map and Register description
0.5
Changes
• Update Register Map
• Update Interrupt Status (INT_STS)
• Update Coefficient Source
0.6
Changes
• Update Feature
• Typical Application updated
• Operating range updated
• Current consumption
• Temperature data resolution
• Pressure transfer function
• Functional description
• Measurement precision and rate
• Functional description
• Applications
• Register map
• Known issues list
07
Changes
• Update table: Operating Range
• Update: application circuit example
• Update Register map, CFG_REG
• Update Digital interface chapter
• Update Package Dimensions
08
Changes
• Update Digital interface: I2C interface read, autoincrement commands
• Update: package dimensions chapter
• Update Features, include RoHS information
• Update Application Circuit Example
• Update Register descriptionTMP_CFG and MEAS_CFG
• Add Package Handling
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Revision History
39
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com