Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 32Page - Infineon Technologies AG DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG DPS310 Datasheet HTML 37Page - Infineon Technologies AG DPS310 Datasheet HTML 38Page - Infineon Technologies AG DPS310 Datasheet HTML 39Page - Infineon Technologies AG DPS310 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
8.9
Soft Reset and FIFO flush (RESET)
Flush FIFO or generate soft reset.
RESET
Address:
0CH
FIFO flush and soft reset
Reset value:
00H
7
6
5
4
3
2
1
0
FIFO_FLUSH
-
SOFT_RST
w
-
w
Field
Bits
Type
Description
FIFO_FLUSH
7
w
FIFO flush
1 - Empty FIFO
After reading out all data from the FIFO, write '1' to clear all old
data.
-
6:4
-
Reserved.
SOFT_RST
3:0
w
Write '1001' to generate a soft reset. A soft reset will run though
the same sequences as in power-on reset.
8.10
Product and Revision ID (ID)
Product and Revision ID.
ID
Address:
0DH
Product and revision ID
Reset value:
0x10H
7
6
5
4
3
2
1
0
REV_ID
PROD_ID
r
r
Field
Bits
Type
Description
REV_ID
7:4
r
Revision ID
PROD_ID
3:0
r
Product ID
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
36
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com