Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG DPS310 Datasheet HTML 37Page - Infineon Technologies AG DPS310 Datasheet HTML 38Page - Infineon Technologies AG DPS310 Datasheet HTML 39Page - Infineon Technologies AG DPS310 Datasheet HTML 40Page - Infineon Technologies AG DPS310 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
8.11
Calibration Coefficients (COEF)
The Calibration Coefficients register contains the 2´s complement coefficients that are used to calculate the
compensated pressure and temperature values.
Table 18
Calibration Coefficients
Coefficient
Addr.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
c0
0x10
c0 [11:4]
c0/c1
0x11
c0 [3:0]
c1 [11:8]
c1
0x12
c1[7:0]
c00
0x13
c00 [19:12]
c00
0x14
c00 [11:4]
c00/c10
0x15
c00 [3:0]
c10 [19:16]
c10
0x16
c10 [15:8]
c10
0x17
c10 [7:0]
c01
0x18
c01 [15:8]
c01
0x19
c01 [7:0]
c11
0x1A
c11 [15:8]
c11
0x1B
c11 [7:0]
c20
0x1C
c20 [15:8]
c20
0x1D
c20 [7:0]
c21
0x1E
c21 [15:8]
c21
0x1F
c21 [7:0]
c30
0x20
c30 [15:8]
c30
0x21
c30 [7:0]
Note: Generate the decimal numbers out of the calibration coefficients registers data:
C20 := reg0x1D + reg0x1C * 2^ 8
if (C20 > (2^15 - 1))
C20 := C20 - 2^16
end if
C0 := (reg0x10 * 2^ 4) + ((reg0x11 / 2^4) & 0x0F)
if (C0 > (2^11 - 1))
C0 := C0 - 2^12
end if
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
37
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com