Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG DPS310 Datasheet HTML 37Page - Infineon Technologies AG DPS310 Datasheet HTML 38Page - Infineon Technologies AG DPS310 Datasheet HTML 39Page - Infineon Technologies AG DPS310 Datasheet HTML 40Page - Infineon Technologies AG DPS310 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
8.12
Coefficient Source
States which internal temperature sensor the calibration coefficients are based on: the ASIC temperature sensor
or the MEMS element temperature sensor. The coefficients are only valid for one sensor and it is highly
recommended to use the same temperature sensor in the application. This is set-up in the Temperature
Configuration register.
TMP_COEF_SRCE
Address:
28H
Temperature Coefficients Source
Reset value:
XXH
7
6
5
4
3
2
1
0
TMP_COEF_
SRCE
-
r
-
Field
Bits
Type
Description
TMP_COEF_SRCE
7
r
Temperature coefficients are based on:
0 - Internal temperature sensor (of ASIC)
1 - External temperature sensor (of pressure sensor MEMS
element)
-
6:0
-
Reserved
9
Package Dimensions
The sensor package is a 8-pin plastic LGA 2.0 x 2.5 x 1.0 mm3, with 0.65 mm pitch.
Detailed information about a package, marking layout and tape and reel description can be found on the link:
https://www.infineon.com/cms/packages/SMD_-_Surface_Mounted_Devices/P-PG-VLGA/P-PG-
VLGA-08-01.html?__locale=en
10
Package Handling
Further Information please refer to the attached “Digital Barometric Pressure Sensor_ Package Handling”it
describes the package handling and delivery format.
Revision History
Major changes since previous revision
Revision History
Reference
Description
0.1
First draft
0.2
Preliminary datasheet
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Package Dimensions
38
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com