Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG DPS310 Datasheet HTML 24Page - Infineon Technologies AG DPS310 Datasheet HTML 25Page - Infineon Technologies AG DPS310 Datasheet HTML 26Page - Infineon Technologies AG DPS310 Datasheet HTML 27Page - Infineon Technologies AG DPS310 Datasheet HTML 28Page - Infineon Technologies AG DPS310 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
7
Register Map
Table 15
Register Map
Register
Name
Addr.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Reset
State
PSR_B2
0x00
PSR[23:16] (r)
00h
PSR_B1
0x01
PSR[15:8](r)
00h
PSR_B0
0x02
PSR[7:0](r)
00h
TMP_B2
0x03
TMP[23:16] (r)
00h
TMP_B1
0x04
TMP[15:8] (r)
00h
TMP_B0
0x05
TMP[7:0] (r)
00h
PRS_CFG
0x06
-
PM_RATE [2:0] (rw)
PM_PRC [3:0] (rw)
00h
TMP_CFG
0x07
TMP_
EXT
(rw)
TMP_RATE [2:0] (rw)
TM_PRC [3:0] (rw)
00h
MEAS_CFG
0x08
COEF_
RDY (r)
SENSOR
_ RDY (r)
TMP_
RDY (r)
PRS_
RDY (r)
-
MEAS_CRTL [2:0] (rw)
C0h
CFG_REG
0x09
INT_ HL
(rw)
INT_ SEL [2:0] (rw)
TMP_
SHIFT_
EN (rw)
PRS_
SHIFT_
EN (rw)
FIFO_
EN (rw)
SPI_
MODE
(rw)
00h
INT_STS
0x0A
-
-
-
-
-
INT_
FIFO_
FULL (r)
INT_
TMP(r)
INT_
PRS(r)
00h
FIFO_STS
0x0B
-
-
-
-
-
-
FIFO_
FULL(r)
FIFO_
EMPTY(r)
00h
RESET
0x0C
FIFO_
FLUSH
(w)
-
-
-
SOFT_RST [3:0] (w)
00h
Product ID
0x0D
REV_ID [3:0] (r)
PROD_ID [3:0] (r)
10h
COEF
0x10-
0x21
< see register description >
XXh
Reserved
0x22-
0x27
Reserved
XXh
COEF_SRCE 0x28
TMP_C
OEF_SR
CE (r)
Reserved
XXh
8
Register description
8.1
Pressure Data (PRS_Bn)
The Pressure Data registers contains the 24 bit (3 bytes) 2's complement pressure measurement value.
If the FIFO is enabled, the register will contain the FIFO pressure and/or temperature results. Otherwise, the
register contains the pressure measurement results and will not be cleared after read.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register Map
25
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com