Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG DPS310 Datasheet HTML 18Page - Infineon Technologies AG DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
5
Applications
5.1
Measurement Settings and Use Case Examples
Table 10
Measurement Settings and Use Case Examples (TBD)
Use Case
Performance
Pressure Register
Configuration
Address: 0x06
Temperature
Register
Configuration
Address: 0x07
Other
Weather Station (Low power)
5 Pa precision.
1 pr sec.
3 uA
0x01
0x80
Start
background
measurements
(addr 0x08)
Indoor navigation (Standard
precision, background mode)
10 cm precision.
2 pr sec.
22 uA
0x14
0x90
Enable P shift
(addr 0x09)
Start
background
measurements
(addr 0x08)
Sports (High precision, high
rate, background mode)
5 cm precision
4 pr sec.
200 uA
0x26
0xA0
Enable P shift
(addr 0x09)
Start
background
measurements
(addr 0x08)
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Applications
17
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com