Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG DPS310 Datasheet HTML 24Page - Infineon Technologies AG DPS310 Datasheet HTML 25Page - Infineon Technologies AG DPS310 Datasheet HTML 26Page - Infineon Technologies AG DPS310 Datasheet HTML 27Page - Infineon Technologies AG DPS310 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
6.3.1.2
SPI timings
The SPI timing diagram is shown in the figure below and the corresponding values are given in the table below.
All timings apply both to 4-wire and 3-wire SPI.
Figure 16 SPI timing diagram
Table 14
SPI timings
Parameter
Symbol
Values
Unit
Note or Test
Condition
Min.
Typ.
Max.
Duty Cycle (Thigh%)
SPI_DC
30
%
VDDIO = 1.2V
20
%
VDDIO = 1.8V/3.6V
SDI setup time
T_setup_sdi
2
ns
SDI hold time
T_hold_sdi
2
ns
Clock
SPI_CLK
10
MHz
CSB setup time
T_setup_csb
15
ns
CSB hold time
15
ns
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Digital interfaces
24
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com