Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG DPS310 Datasheet HTML 18Page - Infineon Technologies AG DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
5.2
Application Circuit Example
The examples application circuit uses the I2C and SPI serial interface. The SDO pin can be used for interrupt or
to set least significant bit of the device address. The DPS310 analog core supply voltage is internally regulated,
guaranteeing robustness to external VDD supply variations within the specified range. The simplest voltage
supply solution is to connect VDD and VDDIO to 1.8V supply and add a suitable decoupling capacitor to reduce
VDD ripple below 50mVpp.
Figure 7
Application Circuit Example using the I2C serial interface.
Figure 8
Application Circuit Example using the SPI 4-wires serial interface
Figure 9
Application Circuit Example using the SPI 3-wire serial interface
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Applications
18
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com