Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG DPS310 Datasheet HTML 24Page - Infineon Technologies AG DPS310 Datasheet HTML 25Page - Infineon Technologies AG DPS310 Datasheet HTML 26Page - Infineon Technologies AG DPS310 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Figure 15 I2C timing diagram
Table 13
I2C timings
Parameter
Symbol
Values
Unit
Note or Test
Condition
Min.
Typ.
Max.
Data setup time on SDI pin
tSetup
20
ns
S&F mode
5
ns
HS mode
Data hold time on SDI pin
tHold
0
ns
S&F&HSmode,
Duty Cycle
DC
70
%
S&F mode,
55
%
HS mode,
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Digital interfaces
23
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com