Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 28Page - Infineon Technologies AG DPS310 Datasheet HTML 29Page - Infineon Technologies AG DPS310 Datasheet HTML 30Page - Infineon Technologies AG DPS310 Datasheet HTML 31Page - Infineon Technologies AG DPS310 Datasheet HTML 32Page - Infineon Technologies AG DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
8.5
Sensor Operating Mode and Status (MEAS_CFG)
Setup measurement mode.
MEAS_CFG
Address:
08H
Measurement configuration
Reset value:
C0H
7
6
5
4
3
2
1
0
COEF_RDY
SENSOR_R
DY
TMP_RDY
PRS_RDY
-
MEAS_CTRL
r
r
r
r
-
rw
Field
Bits
Type
Description
COEF_RDY
7
r
Coefficients will be read to the Coefficents Registers after start-
up:
0 - Coefficients are not available yet.
1 - Coefficients are available.
SENSOR_RDY
6
r
The pressure sensor is running through self initialization after
start-up.
0 - Sensor initialization not complete
1 - Sensor initialization complete
It is recommend not to start measurements until the sensor has
completed the self intialization.
TMP_RDY
5
r
Temperature measurement ready
1 - New temperature measurement is ready. Cleared when
temperature measurement is read.
PRS_RDY
4
r
Pressure measurement ready
1 - New pressure measurement is ready. Cleared when
pressurement measurement is read.
-
3
-
Reserved.
MEAS_CTRL
2:0
rw
Set measurement mode and type:
Standby Mode
000 - Idle / Stop background measurement
Command Mode
001 - Pressure measurement
010 - Temperature measurement
011 - na.
100 - na.
Background Mode
101 - Continous pressure measurement
110 - Continous temperature measurement
111 - Continous pressure and temperature measurement
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
32
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com