Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
3.6
Timing Characteristics
Table 8
Timing Characteristics
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Start-up timing
Time to sensor ready
TSensor_rdy
12
ms
The SENSOR_RDY bit in the
Measurement Configuration
register will be set when the
sensor is ready.
Time to coefficients are
available.
TCoef_rdy
40
ms
The COEF_RDY bit in the
Measurement Configuration
register will be set when the
coefficients can be read out.
Note:
Start-up timing is measured from VDD > 1.2V & VDDIO > 0.6V or Soft Reset.
I2C Clock.
fI2C
3.4
MHz
SPI Clock
fSPI
10
MHz
4
Functional Description
4.1
Operating Modes
The DPS310 supports 3 different modes of operation: Standby, Command, and Background mode.
• Standby Mode
- Default mode after power on or reset. No measurements are performed.
- All registers and compensation coefficients are accessible.
• Command Mode
- One temperature or pressure measurement is performed according to the selected precision.
- The sensor will return to Standby Mode when the measurement is finished, and the measurement result
will be available in the data registers.
• Background Mode
- Pressure and/or temperature measurements are performed continuously according to the selected
measurement precision and rate. The temperature measurement is performed immediately after the
pressure measurement.
- The FIFO can be used to store 32 measurement results and minimize the number of times the sensor must
be accessed to read out the results.
Note:
Operation mode and measurement type are set in the Sensor Operating Mode and Status
(MEAS_CFG) register.
4.2
Mode transition diagram
The mode transition diagram is shown below.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Functional Description
10
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com