Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 5Page - Infineon Technologies AG DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
3.5
Pressure Transfer Function
Test conditions (unless otherwise specified in the table): VDD= 1.8V and VDDIO=1.8V. Typ. values (PA=1000hPa and
TA=25°C).
Table 7
Pressure Transfer Function
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Absolute pressure accuracy
Ap_abs
+/-10
Pa
After one point calibration
+/-100
Pa
PA=300-1200hPa
TA=0...+65°C
Excluding solder effects
Relative pressure accuracy
Ap_rel
+/-6
Pa
Any Δ1hPa in the range
PA=800-1200hPa
Any constant temperature
in the range TA=20...+60°C
Pressure precision
Ap_prc
5.0
PaRMS
Low Power
1.2
Standard
0.5
High Precision
Note:
Pressure precision is measured as the average standard deviation. Please refer to the Pressure
Configuration (PRS_CFG) register description for all precision mode options.
Power supply rejection
Ap_psr
0.063
PaRMS
Measured with 217Hz
square wave and broad
band noise, 100mVpp
Pressure temperature sensitivity
of calibrated measurements
Ap_tmp
0.5
Pa/K
1000hPa, 25...+65°C.
Pressure data resolution
Ap_res
0.06
PaRMS
Pressure measurement rate
f
1
128
Hz
Pressure measurement time
t
5.2
ms
Low Power
27.6
Standard
105
High Precision
Note:
The pressure measurement time (and thus the maximum rate) depends on the pressure
measurement precision. Please refer to the Pressure Configuration (PRS_CFG) register description
for an overview of the possible combinations of measurement precision and rate.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Specifications
9
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com