Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 26Page - Infineon Technologies AG DPS310 Datasheet HTML 27Page - Infineon Technologies AG DPS310 Datasheet HTML 28Page - Infineon Technologies AG DPS310 Datasheet HTML 29Page - Infineon Technologies AG DPS310 Datasheet HTML 30Page - Infineon Technologies AG DPS310 Datasheet HTML 31Page - Infineon Technologies AG DPS310 Datasheet HTML 32Page - Infineon Technologies AG DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Table 16
Precision (PaRMS) and pressure measurement time (ms) versus oversampling rate
Oversampling
(PRC[3:0])
Single
(0000)
2 times
(0001)
4 times
(0010)
8 times
(0011)
16 times
(0100)
32 times
(0101)
64 times
(0110)
128
times
(0111)
Measurement time
(ms)
3.6
5.2
8.4
14.8
27.6
53.2
104.4
206.8
Precision (PaRMS)
5
2.5
1.2
0.9
0.5
Table 17
Estimated current consumption (uA)
Oversampling
(PRC[3:0])
Single
(0000)
2 times
(0001)
4 times
(0010)
8 times
(0011)
16 times
(0100)
32 times
(0101)
64 times
(0110)
128
times
(0111)
Measurements pr
sec.
(PM_RATE([2:0])
1 (000)
2.1
2.7
3.8
6.1
11
20
38
75
2 (001)
4 (010)
8 (011)
Note: The current consumption can be calculated as the Measurement Rate *
Current Consumption of 1 measurement per. sec.
n.a.
16 (100)
n.a.
n.a.
32 (101)
n.a.
n.a.
n.a.
64 (110)
n.a.
n.a.
n.a.
n.a.
128 (111)
n.a.
n.a.
n.a.
n.a.
n.a.
n.a.
Note: The table shows the possible combinations of Pressure Measurement Rate and oversampling when no
temperature measurements are performed. When temperature measurements are performed the possible
combinations are limited to Ratetemperature x Measurement Timetemperature + Ratepressure x Measurement
Timepressure < 1 second.
The temperature measurement time versus temperature oversampling rate is similar with pressure
measurement time versus pressure oversampling rate
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
30
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com