Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 29Page - Infineon Technologies AG DPS310 Datasheet HTML 30Page - Infineon Technologies AG DPS310 Datasheet HTML 31Page - Infineon Technologies AG DPS310 Datasheet HTML 32Page - Infineon Technologies AG DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG DPS310 Datasheet HTML 36Page - Infineon Technologies AG DPS310 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
8.6
Interrupt and FIFO configuration (CFG_REG)
Configuration of interupts, measurement data shift, and FIFO enable.
CFG_REG
Address:
09H
Configuration register
Reset value:
00H
7
6
5
4
3
2
1
0
INT_HL
INT_FIFO
INT_TMP
INT_PRS
T_SHIFT
P_SHIFT
FIFO_EN
SPI_MODE
rw
rw
rw
rw
rw
rw
rw
rw
Field
Bits
Type
Description
INT_HL
7
rw
Interupt (on SDO pin) active level:
0 - Active low.
1 - Active high.
INT_FIFO
6
rw
Generate interupt when the FIFO is full:
0 - Disable.
1 - Enable.
INT_TMP
5
rw
Generate interupt when a temperature measurement is ready:
0 - Disable.
1 - Enable.
INT_PRS
4
rw
Generate interupt when a pressure measurement is ready:
0 - Disable.
1 - Enable.
T_SHIFT
3
rw
Temperature result bit-shift
0 - no shift.
1 - shift result right in data register.
Note: Must be set to '1' when the oversampling rate is >8 times.
P_SHIFT
2
rw
Pressure result bit-shift
0 - no shift.
1 - shift result right in data register.
Note: Must be set to '1' when the oversampling rate is >8 times.
FIFO_EN
1
rw
Enable the FIFO:
0 - Disable.
1 - Enable.
SPI_MODE
0
rw
Set SPI mode:
0 - 4-wire interface.
1 - 3-wire interface.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
33
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com