Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG DPS310 Datasheet HTML 18Page - Infineon Technologies AG DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG DPS310 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
6.1
I2C Interface
The I2C slave interface is compatible with Philips I2C Specification version 2.1. The I2C interface supports
standard, fast and high speed mode.
The sensor's address is 0x77 (if SDO pin is left floating or pulled-up to VDDIO) or 0x76 (if the SDO pin is pulled-
down to GND). The I2C interface uses the pins described in Table 2
The basic timing is shown in the diagram below:
Figure 11 I2C timing diagram
In one access, without stop, incremental read (address is auto increment) and auto-incremental write is
supported. The read and write access is described below:
Figure 12 I2C write and read commands
6.2
SPI Interface
The SPI interface is compatible with SPI mode '11' ( CPOL = CPHA = '1'. The SPI interface has two modes: 4-wire
and 3-wire.
The protocol is the same for both. The 3-wire mode is selected by setting '1' to the register Interrupt and FIFO
configuration (CFG_REG)
The SPI interface uses the pins like in theTable 2 Refere toApplication Circuit Example for connections
instructions. The SPI protocol is shown in the diagram below:
Figure 13 SPI protocol, 4-wire without interrupt
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Digital interfaces
20
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com