Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 27Page - Infineon Technologies AG DPS310 Datasheet HTML 28Page - Infineon Technologies AG DPS310 Datasheet HTML 29Page - Infineon Technologies AG DPS310 Datasheet HTML 30Page - Infineon Technologies AG DPS310 Datasheet HTML 31Page - Infineon Technologies AG DPS310 Datasheet HTML 32Page - Infineon Technologies AG DPS310 Datasheet HTML 33Page - Infineon Technologies AG DPS310 Datasheet HTML 34Page - Infineon Technologies AG DPS310 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
8.4
Temperature Configuration(TMP_CFG)
Configuration of temperature measurement rate (TMP_RATE) and resolution (TMP_PRC).
TMP_CFG
Address:
07H
Temperature measurement configuration
Reset value:
00H
7
6
5
4
3
2
1
0
TMP_EXT
TMP_RATE[6:4]
TMP_PRC[3:0]
rw
rw
-
rw
Field
Bits
Type
Description
TMP_EXT
7
rw
Temperature measurement
0 - Internal sensor (in ASIC)
1 - External sensor (in pressure sensor MEMS element)
Note: It is highly recommended to use the same temperature
sensor as the source of the calibration coefficients. Please see the
Coefficient Source register
TMP_RATE[2:0]
6:4
rw
Temperature measurement rate:
000 - 1 measurement pr. sec.
001 - 2 measurements pr. sec.
010 - 4 measurements pr. sec.
011 - 8 measurements pr. sec.
100 - 16 measurements pr. sec.
101 - 32 measurements pr. sec.
110 - 64 measurements pr. sec.
111 - 128 measurements pr. sec..
Applicable for measurements in Background mode only
TMP_PRC[2:0]
3:0
rw
Temperature oversampling (precision):
0000 - single. (Default) - Measurement time 3.6 ms.
Note: Following are optional, and may not be relevant:
0001 - 2 times.
0010 - 4 times.
0011 - 8 times.
0100 - 16 times.
0101 - 32 times.
0110 - 64 times..
0111 - 128 times.
1xxx - Reserved.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Register description
31
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com