Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 18Page - Infineon Technologies AG DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG DPS310 Datasheet HTML 24Page - Infineon Technologies AG DPS310 Datasheet HTML 25Page - Infineon Technologies AG DPS310 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
6.3.1
General interface parameters
The general interface parameters are given in the table below:
Table 12
Interface parameters
Parameter
Symbol
Values
Unit
Note or Test
Condition
Min.
Typ.
Max.
Input voltage for low logic
level at input pins
Vlow_in
0.3 *
VDDIO
V
VDDIO=1.2V to 3.6V
Input voltage for high logic
level at input pins
Vhigh_in
0.7 *
VDDIO
V
VDDIO=1.2V to 3.6V
Output - low level for I2C
Vlow_SDI
0.1 *
VDDIO
V
VDDIO=1.8V,
iol=2mA
Output voltage for low level
at pin SDI for I2C
Vlow_SDI_1.2
0.2*
VDDIO
V
VDDIO=1.20V,
iol=1.3mA
Output voltage for high level
at pins SDO, SDI
Vhigh_out
0.8 *
VDDIO
V
VDDIO=1.8V,
iol=1mA (SDO,
SDI)
Output voltage for high level
at pins SDO, SDI
Vhigh_out_1.2
0.6 *
VDDIO
V
VDDIO=1.2V,
iol=1mA (SDO,
SDI)
Pull-up resistor
Rpull
60
120
180
kohm Internal pull-up
resistance to VDDIO
I2C bus load capacitor
Cb
400
pF
On SDI and SCK
6.3.1.1
I2C timings
The I2C timing is shown in the diagram below and corresponding values are given in the table below. The
naming refers to I2C Specification version 2.1, the abbreviations used "S&F mode" = standard and fast mode,
"HS mode" = high speed mode, Cb = bus capacitance on SDA line.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Digital interfaces
22
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com