Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 48Page - STMicroelectronics STM32F091RC Datasheet HTML 49Page - STMicroelectronics STM32F091RC Datasheet HTML 50Page - STMicroelectronics STM32F091RC Datasheet HTML 51Page - STMicroelectronics STM32F091RC Datasheet HTML 52Page - STMicroelectronics STM32F091RC Datasheet HTML 53Page - STMicroelectronics STM32F091RC Datasheet HTML 54Page - STMicroelectronics STM32F091RC Datasheet HTML 55Page - STMicroelectronics STM32F091RC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
52/127
DocID026284 Rev 3
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 21: Voltage characteristics,
Table 22: Current characteristics and Table 23: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 21. Voltage characteristics(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage
−0.3
4.0
V
VDDIO2–VSS External I/O supply voltage
−0.3
4.0
V
VDDA–VSS External analog supply voltage
−0.3
4.0
V
VDD–VDDA Allowed voltage difference for VDD > VDDA
-0.4
V
VBAT–VSS External backup supply voltage
−0.3
4.0
V
VIN(2)
2. VIN maximum must always be respected. Refer to for the maximum allowed injected current values.
Input voltage on FT and FTf pins
VSS −0.3
VDDIOx + 4.0 (3)
3. Valid only if the internal pull-up/pull-down resistors are disabled. If internal pull-up or pull-down resistor is
enabled, the maximum limit is 4 V.
V
Input voltage on TTa pins
VSS −0.3
4.0
V
Input voltage on any other pin
VSS −0.3
4.0
V
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSx −VSS|
Variations between all the different ground
pins
-50
mV
VESD(HBM)
Electrostatic discharge voltage
(human body model)
see Section 6.3.12: Electrical
sensitivity characteristics
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com