Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 85Page - STMicroelectronics STM32F091RC Datasheet HTML 86Page - STMicroelectronics STM32F091RC Datasheet HTML 87Page - STMicroelectronics STM32F091RC Datasheet HTML 88Page - STMicroelectronics STM32F091RC Datasheet HTML 89Page - STMicroelectronics STM32F091RC Datasheet HTML 90Page - STMicroelectronics STM32F091RC Datasheet HTML 91Page - STMicroelectronics STM32F091RC Datasheet HTML 92Page - STMicroelectronics STM32F091RC Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
DocID026284 Rev 3
89/127
STM32F091xB STM32F091xC
Electrical characteristics
99
6.3.17
DAC electrical specifications
Table 60. DAC characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Comments
VDDA
Analog supply voltage for
DAC ON
2.4
-
3.6
V
RLOAD(1)
Resistive load with buffer
ON
5-
-
k
Ω Load is referred to ground
RO(1)
Impedance output with
buffer OFF
--
15
k
Ω
When the buffer is OFF, the
Minimum resistive load between
DAC_OUT and VSS to have a
1% accuracy is 1.5 M
Ω
CLOAD(1)
Capacitive load
-
-
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer
is ON).
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer ON
0.2
-
-
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VDDA = 3.6 V and (0x155) and
(0xEAB) at VDDA = 2.4 V
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer ON
--
VDDA – 0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer OFF
-0.5
-
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer OFF
--
VDDA – 1LSB
V
IDDA(1)
DAC DC current
consumption in quiescent
mode(2)
--
600
µA
With no load, middle code
(0x800) on the input
--
700
µA
With no load, worst code
(0xF1C) on the input
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
--
±0.5
LSB
Given for the DAC in 10-bit
configuration
--
±2
LSB
Given for the DAC in 12-bit
configuration
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 1023)
--
±1
LSB
Given for the DAC in 10-bit
configuration
--
±4
LSB
Given for the DAC in 12-bit
configuration
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value
= VDDA/2)
--
±10
mV
--
±3
LSB
Given for the DAC in 10-bit at
VDDA = 3.6 V
--
±12
LSB
Given for the DAC in 12-bit at
VDDA = 3.6 V
Gain error(3) Gain error
-
-
±0.5
%
Given for the DAC in 12-bit
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com