Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 55Page - STMicroelectronics STM32F091RC Datasheet HTML 56Page - STMicroelectronics STM32F091RC Datasheet HTML 57Page - STMicroelectronics STM32F091RC Datasheet HTML 58Page - STMicroelectronics STM32F091RC Datasheet HTML 59Page - STMicroelectronics STM32F091RC Datasheet HTML 60Page - STMicroelectronics STM32F091RC Datasheet HTML 61Page - STMicroelectronics STM32F091RC Datasheet HTML 62Page - STMicroelectronics STM32F091RC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
DocID026284 Rev 3
59/127
STM32F091xB STM32F091xC
Electrical characteristics
99
1. Data based on characterization results, not tested in production unless otherwise specified.
Table 30. Typical and maximum current consumption from the VDDA supply
Symbol
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from
Flash
memory
or RAM
HSI48
48 MHz
312
333
338
347
316
334
341
350
µA
HSE
bypass,
PLL on
48 MHz
147
168
178
181
160
181
192
197
32 MHz
101
119
125
127
109
127
135
138
24 MHz
80
96
98
100
87
101
106
109
HSE
bypass,
PLL off
8 MHz
2.8
3.5
3.7
3.9
3.7
4.3
4.6
4.7
1 MHz
2.7
3.2
3.5
3.8
3.3
3.9
4.4
4.7
HSI clock,
PLL on
48 MHz
214
243
254
259
235
262
275
281
32 MHz
166
193
203
204
185
207
216
220
24 MHz
144
171
177
178
161
180
187
190
HSI clock,
PLL off
8 MHz
65
83
85
86
77
90
92
93
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com