Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 61Page - STMicroelectronics STM32F091RC Datasheet HTML 62Page - STMicroelectronics STM32F091RC Datasheet HTML 63Page - STMicroelectronics STM32F091RC Datasheet HTML 64Page - STMicroelectronics STM32F091RC Datasheet HTML 65Page - STMicroelectronics STM32F091RC Datasheet HTML 66Page - STMicroelectronics STM32F091RC Datasheet HTML 67Page - STMicroelectronics STM32F091RC Datasheet HTML 68Page - STMicroelectronics STM32F091RC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
DocID026284 Rev 3
65/127
STM32F091xB STM32F091xC
Electrical characteristics
99
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 35. The MCU is placed
under the following conditions:
•
All I/O pins are in analog mode
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature and supply voltage conditions summarized in Table 21:
Voltage characteristics
Table 35. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB
BusMatrix(1)
3.1
µA/MHz
CRC
2.0
DMA1
5.5
DMA2
5.1
Flash memory interface
15.4
GPIOA
5.5
GPIOB
5.4
GPIOC
3.2
GPIOD
3.1
GPIOE
4.0
GPIOF
2.5
SRAM
0.8
TSC
5.5
All AHB peripherals
61.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com