Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 17Page - STMicroelectronics STM32F091RC Datasheet HTML 18Page - STMicroelectronics STM32F091RC Datasheet HTML 19Page - STMicroelectronics STM32F091RC Datasheet HTML 20Page - STMicroelectronics STM32F091RC Datasheet HTML 21Page - STMicroelectronics STM32F091RC Datasheet HTML 22Page - STMicroelectronics STM32F091RC Datasheet HTML 23Page - STMicroelectronics STM32F091RC Datasheet HTML 24Page - STMicroelectronics STM32F091RC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
DocID026284 Rev 3
21/127
STM32F091xB STM32F091xC
Functional overview
27
3.14
Timers and watchdogs
The STM32F091xB/xC devices include up to six general-purpose timers, two basic timers
and an advanced control timer.
Table 7 compares the features of the different timers.
Table 6. Number of capacitive sensing channels available
on STM32F091xB/xC devices
Analog I/O group
Number of capacitive sensing channels
STM32F091Vx
STM32F091Rx
STM32F091Cx
G1
3
3
3
G2
3
3
3
G3
3
3
2
G4
3
3
3
G5
3
3
3
G6
3
3
3
G7
3
0
0
G8
3
0
0
Number of capacitive
sensing channels
24
18
17
Table 7. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
Advanced
control
TIM1
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
3
General
purpose
TIM2
32-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM3
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM14
16-bit
Up
integer from
1 to 65536
No
1
-
TIM15
16-bit
Up
integer from
1 to 65536
Yes
2
1
TIM16
TIM17
16-bit
Up
integer from
1 to 65536
Yes
1
1
Basic
TIM6
TIM7
16-bit
Up
integer from
1 to 65536
Yes
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com