Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 91Page - STMicroelectronics STM32F091RC Datasheet HTML 92Page - STMicroelectronics STM32F091RC Datasheet HTML 93Page - STMicroelectronics STM32F091RC Datasheet HTML 94Page - STMicroelectronics STM32F091RC Datasheet HTML 95Page - STMicroelectronics STM32F091RC Datasheet HTML 96Page - STMicroelectronics STM32F091RC Datasheet HTML 97Page - STMicroelectronics STM32F091RC Datasheet HTML 98Page - STMicroelectronics STM32F091RC Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
DocID026284 Rev 3
95/127
STM32F091xB STM32F091xC
Electrical characteristics
99
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 68 for SPI or in Table 69 for I2S
are derived from tests performed under the ambient temperature, fPCLKx frequency and
supply voltage conditions summarized in Table 24: General operating conditions.
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 67. I2C analog filter characteristics(1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum width of spikes that are
suppressed by the analog filter
50(2)
2. Spikes with widths below tAF(min) are filtered.
260(3)
3. Spikes with widths above tAF(max) are not filtered
ns
Table 68. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
18
MHz
Slave mode
-
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load: C = 15 pF
-
6
ns
tsu(NSS)
NSS setup time
Slave mode
4Tpclk
-
ns
th(NSS)
NSS hold time
Slave mode
2Tpclk + 10
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode, fPCLK = 36 MHz,
presc = 4
Tpclk/2 -2
Tpclk/2 + 1
tsu(MI)
tsu(SI)
Data input setup time
Master mode
4
-
Slave mode
5
-
th(MI)
Data input hold time
Master mode
4
-
th(SI)
Slave mode
5
-
ta(SO)(2)
Data output access time
Slave mode, fPCLK = 20 MHz
0
3Tpclk
tdis(SO)(3)
Data output disable time
Slave mode
0
18
tv(SO)
Data output valid time
Slave mode (after enable edge)
-
22.5
tv(MO)
Data output valid time
Master mode (after enable edge)
-
6
th(SO)
Data output hold time
Slave mode (after enable edge)
11.5
-
th(MO)
Master mode (after enable edge)
2
-
DuCy(SCK)
SPI slave input clock
duty cycle
Slave mode
25
75
%
1. Data based on characterization results, not tested in production.
2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data.
3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com