Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F091RC Datasheet HTML 1Page - STMicroelectronics STM32F091RC Datasheet HTML 2Page - STMicroelectronics STM32F091RC Datasheet HTML 3Page - STMicroelectronics STM32F091RC Datasheet HTML 4Page - STMicroelectronics STM32F091RC Datasheet HTML 5Page - STMicroelectronics STM32F091RC Datasheet HTML 6Page - STMicroelectronics STM32F091RC Datasheet HTML 7Page - STMicroelectronics STM32F091RC Datasheet HTML 8Page - STMicroelectronics STM32F091RC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
This is information on a product in full production.
December 2015
DocID026284 Rev 3
1/127
STM32F091xB STM32F091xC
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers,
ADC, DAC & comm. interfaces, 2.0 - 3.6V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M0 CPU,
frequency up to 48 MHz
• Memories
– 128 to 256 Kbytes of Flash memory
– 32 Kbytes of SRAM with HW parity
• CRC calculation unit
• Reset and power management
– Digital & I/Os supply: VDD = 2.0 V to 3.6 V
– Analog supply: VDDA = VDD to 3.6 V
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop, Standby
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
– Internal 48 MHz oscillator with automatic
trimming based on ext. synchronization
• Up to 88 fast I/Os
– All mappable on external interrupt vectors
– Up to 69 I/Os with 5V-tolerant capability
and 19 with independent supply VDDIO2
• 12-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 16 channels)
– Conversion range: 0 to 3.6 V
– Separate analog supply: 2.4 V to 3.6 V
• One 12-bit D/A converter (with 2 channels)
• Two fast low-power analog comparators with
programmable input and output
• Up to 24 capacitive sensing channels for
touchkey, linear and rotary touch sensors
• Calendar RTC with alarm and periodic wakeup
from Stop/Standby
• 12 timers
– One 16-bit advanced-control timer for
6 channel PWM output
– One 32-bit and seven 16-bit timers, with up
to 4 IC/OC, OCN, usable for IR control
decoding or DAC control
– Independent and system watchdog timers
– SysTick timer
• Communication interfaces
–Two I2C interfaces supporting Fast Mode
Plus (1 Mbit/s) with 20 mA current sink, one
supporting SMBus/PMBus and wakeup
– Up to eight USARTs supporting master
synchronous SPI and modem control, three
with ISO7816 interface, LIN, IrDA, auto
baud rate detection and wakeup feature
– Two SPIs (18 Mbit/s) with 4 to 16
programmable bit frames, and with I2S
interface multiplexed
– CAN interface
• HDMI CEC wakeup on header reception
• Serial wire debug (SWD)
• 96-bit unique ID
• All packages ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F091xB
STM32F091CB, STM32F091RB, STM32F091VB
STM32F091xC
STM32F091CC, STM32F091RC, STM32F091VC
LQFP100 14x14 mm
LQFP64 10x10 mm
LQFP48 7x7 mm
UFQFPN48
7x7 mm
UFBGA100
7x7 mm
UFBGA64
5x5 mm
WLCSP64
3.3x3.6mm
www.st.com


Similar Part No. - STM32F091RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F091RC STMICROELECTRONICS-STM32F091RC Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F091RCH6TP STMICROELECTRONICS-STM32F091RCH6TP Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F091RCH7TP STMICROELECTRONICS-STM32F091RCH7TP Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F091RCT6 STMICROELECTRONICS-STM32F091RCT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32F091RCT6 STMICROELECTRONICS-STM32F091RCT6 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results

Similar Description - STM32F091RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100VCT6 STMICROELECTRONICS-STM32F100VCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F031X4 STMICROELECTRONICS-STM32F031X4 Datasheet
1Mb / 106P
ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
16-Dec-2015
STM32F058C8 STMICROELECTRONICS-STM32F058C8 Datasheet
1Mb / 104P
Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
16-Dec-2015
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
15-Sep-2016
STM32F091XB STMICROELECTRONICS-STM32F091XB_V01 Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F051X4 STMICROELECTRONICS-STM32F051X4_V01 Datasheet
2Mb / 122P
ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
06-Jan-2017
STM32F072X8 STMICROELECTRONICS-STM32F072X8_V01 Datasheet
2Mb / 128P
Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
September 2019
STM32F071X8 STMICROELECTRONICS-STM32F071X8_V01 Datasheet
2Mb / 122P
sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
27-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com