Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 71Page - STMicroelectronics STM32F091RC Datasheet HTML 72Page - STMicroelectronics STM32F091RC Datasheet HTML 73Page - STMicroelectronics STM32F091RC Datasheet HTML 74Page - STMicroelectronics STM32F091RC Datasheet HTML 75Page - STMicroelectronics STM32F091RC Datasheet HTML 76Page - STMicroelectronics STM32F091RC Datasheet HTML 77Page - STMicroelectronics STM32F091RC Datasheet HTML 78Page - STMicroelectronics STM32F091RC Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
DocID026284 Rev 3
75/127
STM32F091xB STM32F091xC
Electrical characteristics
99
Low-speed internal (LSI) RC oscillator
6.3.9
PLL characteristics
The parameters given in Table 45 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions.
6.3.10
Memory characteristics
Flash memory
The characteristics are given at TA = –40 to 105 °C unless otherwise specified.
Table 44. LSI oscillator characteristics(1)
1. VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
Frequency
30
40
50
kHz
tsu(LSI)(2)
2. Guaranteed by design, not tested in production.
LSI oscillator startup time
-
-
85
µs
IDDA(LSI)(2) LSI oscillator power consumption
-
0.75
1.2
µA
Table 45. PLL characteristics
Symbol
Parameter
Value
Unit
Min
Typ
Max
fPLL_IN
PLL input clock(1)
1. Take care to use the appropriate multiplier factors to obtain PLL input clock values compatible with the
range defined by fPLL_OUT.
1(2)
8.0
24(2)
MHz
PLL input clock duty cycle
40(2)
-60(2)
%
fPLL_OUT
PLL multiplier output clock
16(2)
-48
MHz
tLOCK
PLL lock time
-
-
200(2)
2. Guaranteed by design, not tested in production.
µs
JitterPLL
Cycle-to-cycle jitter
-
-
300(2)
ps
Table 46. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1. Guaranteed by design, not tested in production.
Unit
tprog
16-bit programming time TA = –40 to +105 °C
40
53.5
60
µs
tERASE Page (2 KB) erase time
TA = –40 to +105 °C
20
-
40
ms
tME
Mass erase time
TA = –40 to +105 °C
20
-
40
ms
IDD
Supply current
Write mode
-
-
10
mA
Erase mode
-
-
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com