Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 60Page - STMicroelectronics STM32F091RC Datasheet HTML 61Page - STMicroelectronics STM32F091RC Datasheet HTML 62Page - STMicroelectronics STM32F091RC Datasheet HTML 63Page - STMicroelectronics STM32F091RC Datasheet HTML 64Page - STMicroelectronics STM32F091RC Datasheet HTML 65Page - STMicroelectronics STM32F091RC Datasheet HTML 66Page - STMicroelectronics STM32F091RC Datasheet HTML 67Page - STMicroelectronics STM32F091RC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
64/127
DocID026284 Rev 3
Table 34. Switching output I/O current consumption
Symbol
Parameter
Conditions(1)
1. CS = 7 pF (estimated value).
I/O toggling
frequency (fSW)
Typ
Unit
ISW
I/O current
consumption
VDDIOx = 3.3 V
C =CINT
4 MHz
0.07
mA
8 MHz
0.15
16 MHz
0.31
24 MHz
0.53
48 MHz
0.92
VDDIOx = 3.3 V
CEXT = 0 pF
C = CINT + CEXT+ CS
4 MHz
0.18
8 MHz
0.37
16 MHz
0.76
24 MHz
1.39
48 MHz
2.188
VDDIOx = 3.3 V
CEXT = 10 pF
C = CINT + CEXT+ CS
4 MHz
0.32
8 MHz
0.64
16 MHz
1.25
24 MHz
2.23
48 MHz
4.442
VDDIOx = 3.3 V
CEXT = 22 pF
C = CINT + CEXT+ CS
4 MHz
0.49
8 MHz
0.94
16 MHz
2.38
24 MHz
3.99
VDDIOx = 3.3 V
CEXT = 33 pF
C = CINT + CEXT+ CS
4 MHz
0.64
8 MHz
1.25
16 MHz
3.24
24 MHz
5.02
VDDIOx = 3.3 V
CEXT = 47 pF
C = CINT + CEXT+ CS
C = Cint
4 MHz
0.81
8 MHz
1.7
16 MHz
3.67
VDDIOx = 2.4 V
CEXT = 47 pF
C = CINT + CEXT+ CS
C = Cint
4 MHz
0.66
8 MHz
1.43
16 MHz
2.45
24 MHz
4.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com