Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 43Page - STMicroelectronics STM32F091RC Datasheet HTML 44Page - STMicroelectronics STM32F091RC Datasheet HTML 45Page - STMicroelectronics STM32F091RC Datasheet HTML 46Page - STMicroelectronics STM32F091RC Datasheet HTML 47Page - STMicroelectronics STM32F091RC Datasheet HTML 48Page - STMicroelectronics STM32F091RC Datasheet HTML 49Page - STMicroelectronics STM32F091RC Datasheet HTML 50Page - STMicroelectronics STM32F091RC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 127 page
background image
DocID026284 Rev 3
47/127
STM32F091xB STM32F091xC
Memory mapping
48
APB
0x4001 5C00 - 0x4001 7FFF
9 KB
Reserved
0x4001 5800 - 0x4001 5BFF
1 KB
DBGMCU
0x4001 4C00 - 0x4001 57FF
3 KB
Reserved
0x4001 4800 - 0x4001 4BFF
1 KB
TIM17
0x4001 4400 - 0x4001 47FF
1 KB
TIM16
0x4001 4000 - 0x4001 43FF
1 KB
TIM15
0x4001 3C00 - 0x4001 3FFF
1 KB
Reserved
0x4001 3800 - 0x4001 3BFF
1 KB
USART1
0x4001 3400 - 0x4001 37FF
1 KB
Reserved
0x4001 3000 - 0x4001 33FF
1 KB
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
1 KB
TIM1
0x4001 2800 - 0x4001 2BFF
1 KB
Reserved
0x4001 2400 - 0x4001 27FF
1 KB
ADC
0x4001 2000 - 0x4001 23FF
1 KB
Reserved
0x4001 1C00 – 0x4001 1FFF
1 KB
USART8
0x4001 1800 – 0x4001 1BFF
1 KB
USART7
0x4001 1400 – 0x4001 17FF
1 KB
USART6
0x4001 0800 - 0x4001 13FF
3 KB
Reserved
0x4001 0400 - 0x4001 07FF
1 KB
EXTI
0x4001 0000 - 0x4001 03FF
1 KB
SYSCFG + COMP
0x4000 8000 - 0x4000 FFFF
32 KB
Reserved
Table 20. STM32F091xB/xC peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com