Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 54Page - STMicroelectronics STM32F091RC Datasheet HTML 55Page - STMicroelectronics STM32F091RC Datasheet HTML 56Page - STMicroelectronics STM32F091RC Datasheet HTML 57Page - STMicroelectronics STM32F091RC Datasheet HTML 58Page - STMicroelectronics STM32F091RC Datasheet HTML 59Page - STMicroelectronics STM32F091RC Datasheet HTML 60Page - STMicroelectronics STM32F091RC Datasheet HTML 61Page - STMicroelectronics STM32F091RC Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
58/127
DocID026284 Rev 3
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDD
HSI48
48 MHz
26.9
29.5
30.3
30.6
14.7
16.1
16.3
16.4
mA
HSE bypass,
PLL on
48 MHz
26.7
29.2
30.1
30.3
14.6
16.0
16.2
16.2
32 MHz
18.0
20.4
20.8
21.0
10.1
10.8
10.9
11.0
24 MHz
14.0
15.7
16.1
16.2
8.5
9.0
9.2
9.4
HSE bypass,
PLL off
8 MHz
4.8
5.3
5.5
5.9
3.0
3.2
3.3
3.5
1 MHz
1.3
1.5
1.6
1.9
1.0
1.1
1.2
1.4
HSI clock,
PLL on
48 MHz
26.8
29.4
30.2
30.5
14.7
16.1
16.3
16.3
32 MHz
18.1
20.5
20.9
21.2
10.2
10.9
11.0
11.1
24 MHz
14.1
15.9
16.2
16.4
8.6
9.1
9.2
9.5
HSI clock,
PLL off
8 MHz
4.9
5.4
5.6
5.9
3.1
3.2
3.4
3.5
HSI48
48 MHz
26.3
28.7
29.5
29.7
14.0
15.3
15.5
15.7
HSE bypass,
PLL on
48 MHz
26.0
28.4
29.2
29.4
13.9
15.2
15.4
15.6
32 MHz
17.4
19.5
19.9
20.1
9.6
10.3
10.4
10.5
24 MHz
13.3
15.1
15.5
15.6
7.6
8.2
8.4
8.5
HSE bypass,
PLL off
8 MHz
4.4
4.9
5.1
5.3
2.4
2.6
2.8
2.9
1 MHz
0.9
0.9
1.0
1.2
0.5
0.6
0.7
0.8
HSI clock,
PLL on
48 MHz
26.1
28.5
29.3
29.5
13.9
15.3
15.5
15.6
32 MHz
17.5
19.6
20.0
20.3
9.7
10.4
10.5
10.6
24 MHz
13.3
15.3
15.7
15.8
7.7
8.2
8.5
8.6
HSI clock,
PLL off
8 MHz
4.6
5.0
5.2
5.4
2.5
2.7
2.9
3.0
HSI48
48 MHz
17.0
18.7
19.1
19.4
3.2
3.5
3.6
3.7
mA
HSE bypass,
PLL on
48 MHz
16.9
18.5
19.0
19.3
3.1
3.5
3.5
3.6
32 MHz
11.3
12.6
12.8
13.1
2.2
2.4
2.5
2.6
24 MHz
8.6
9.8
10.0
10.1
1.7
1.9
2.0
2.0
HSE bypass,
PLL off
8 MHz
2.9
3.2
3.4
3.7
0.8
0.9
0.9
1.0
1 MHz
0.4
0.6
0.6
0.7
0.3
0.4
0.4
0.5
HSI clock,
PLL on
48 MHz
17.0
18.6
19.0
19.4
3.1
3.5
3.6
3.7
32 MHz
11.4
12.7
13.0
13.2
2.3
2.5
2.6
2.7
24 MHz
8.7
9.9
10.1
10.2
1.8
2.0
2.1
2.2
HSI clock,
PLL off
8 MHz
3.0
3.3
3.5
3.8
0.8
0.9
1.0
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com