Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 16Page - STMicroelectronics STM32F091RC Datasheet HTML 17Page - STMicroelectronics STM32F091RC Datasheet HTML 18Page - STMicroelectronics STM32F091RC Datasheet HTML 19Page - STMicroelectronics STM32F091RC Datasheet HTML 20Page - STMicroelectronics STM32F091RC Datasheet HTML 21Page - STMicroelectronics STM32F091RC Datasheet HTML 22Page - STMicroelectronics STM32F091RC Datasheet HTML 23Page - STMicroelectronics STM32F091RC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
Functional overview
STM32F091xB STM32F091xC
20/127
DocID026284 Rev 3
Both comparators can wake up from STOP mode, generate interrupts and breaks for the
timers and can be also combined into a window comparator.
3.13
Touch sensing controller (TSC)
The STM32F091xB/xC devices provide a simple solution for adding capacitive sensing
functionality to any application. These devices offer up to 24 capacitive sensing channels
distributed over 8 analog I/O groups.
Capacitive sensing technology is able to detect the presence of a finger near a sensor which
is protected from direct touch by a dielectric (glass, plastic...). The capacitive variation
introduced by the finger (or any conductive object) is measured using a proven
implementation based on a surface charge transfer acquisition principle. It consists in
charging the sensor capacitance and then transferring a part of the accumulated charges
into a sampling capacitor until the voltage across this capacitor has reached a specific
threshold. To limit the CPU bandwidth usage, this acquisition is directly managed by the
hardware touch sensing controller and only requires few external components to operate.
For operation, one capacitive sensing GPIO in each group is connected to an external
capacitor and cannot be used as effective touch sensing channel.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware
library, which is free to use and allows touch sensing functionality to be implemented reliably
in the end application.
Table 5. Capacitive sensing GPIOs available on STM32F091xB/xC devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB14
3
TSC_G3_IO1
PC5
7
TSC_G7_IO1
PE2
TSC_G3_IO2
PB0
TSC_G7_IO2
PE3
TSC_G3_IO3
PB1
TSC_G7_IO3
PE4
TSC_G3_IO4
PB2
TSC_G7_IO4
PE5
4
TSC_G4_IO1
PA9
8
TSC_G8_IO1
PD12
TSC_G4_IO2
PA10
TSC_G8_IO2
PD13
TSC_G4_IO3
PA11
TSC_G8_IO3
PD14
TSC_G4_IO4
PA12
TSC_G8_IO4
PD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com