Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 44Page - STMicroelectronics STM32F091RC Datasheet HTML 45Page - STMicroelectronics STM32F091RC Datasheet HTML 46Page - STMicroelectronics STM32F091RC Datasheet HTML 47Page - STMicroelectronics STM32F091RC Datasheet HTML 48Page - STMicroelectronics STM32F091RC Datasheet HTML 49Page - STMicroelectronics STM32F091RC Datasheet HTML 50Page - STMicroelectronics STM32F091RC Datasheet HTML 51Page - STMicroelectronics STM32F091RC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
Memory mapping
STM32F091xB STM32F091xC
48/127
DocID026284 Rev 3
APB
0x4000 7C00 - 0x4000 7FFF
1 KB
Reserved
0x4000 7800 - 0x4000 7BFF
1 KB
CEC
0x4000 7400 - 0x4000 77FF
1 KB
DAC
0x4000 7000 - 0x4000 73FF
1 KB
PWR
0x4000 6C00 - 0x4000 6FFF
1 KB
CRS
0x4000 6800 - 0x4000 6BFF
1 KB
Reserved
0x4000 6400 - 0x4000 67FF
1 KB
BxCAN
0x4000 6100 - 0x4000 63FF
768 B
Reserved
0x4000 6000 - 0x4000 60FF
256 B
CAN RAM
0x4000 5C00 - 0x4000 5FFF
1 KB
Reserved
0x4000 5800 - 0x4000 5BFF
1 KB
I2C2
0x4000 5400 - 0x4000 57FF
1 KB
I2C1
0x4000 5000 - 0x4000 53FF
1 KB
USART5
0x4000 4C00 - 0x4000 4FFF
1 KB
USART4
0x4000 4800 - 0x4000 4BFF
1 KB
USART3
0x4000 4400 - 0x4000 47FF
1 KB
USART2
0x4000 3C00 - 0x4000 43FF
2 KB
Reserved
0x4000 3800 - 0x4000 3BFF
1 KB
SPI2
0x4000 3400 - 0x4000 37FF
1 KB
Reserved
0x4000 3000 - 0x4000 33FF
1 KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 2400 - 0x4000 27FF
1 KB
Reserved
0x4000 2000 - 0x4000 23FF
1 KB
TIM14
0x4000 1800 - 0x4000 1FFF
2 KB
Reserved
0x4000 1400 - 0x4000 17FF
1 KB
TIM7
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0800 - 0x4000 0FFF
2 KB
Reserved
0x4000 0400 - 0x4000 07FF
1 KB
TIM3
0x4000 0000 - 0x4000 03FF
1 KB
TIM2
Table 20. STM32F091xB/xC peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com