Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 81Page - STMicroelectronics STM32F091RC Datasheet HTML 82Page - STMicroelectronics STM32F091RC Datasheet HTML 83Page - STMicroelectronics STM32F091RC Datasheet HTML 84Page - STMicroelectronics STM32F091RC Datasheet HTML 85Page - STMicroelectronics STM32F091RC Datasheet HTML 86Page - STMicroelectronics STM32F091RC Datasheet HTML 87Page - STMicroelectronics STM32F091RC Datasheet HTML 88Page - STMicroelectronics STM32F091RC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
DocID026284 Rev 3
85/127
STM32F091xB STM32F091xC
Electrical characteristics
99
Figure 25. Recommended NRST pin protection
1. The external capacitor protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 56: NRST pin characteristics. Otherwise the reset will not be taken into account by the device.
6.3.16
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 57 are derived from tests
performed under the conditions summarized in Table 24: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
--
200
-
mV
RPU
Weak pull-up equivalent
resistor(2)
VIN = VSS
25
40
55
k
Ω
VF(NRST) NRST input filtered pulse
-
-
-
100(1)
ns
VNF(NRST) NRST input not filtered pulse
2.7 < VDD < 3.6
300(3)
--
ns
2.0 < VDD < 3.6
500(3)
--
1. Data based on design simulation only. Not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10% order).
3. Data based on design simulation only. Not tested in production.
Table 56. NRST pin characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 57. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC ON
-
2.4
-
3.6
V
IDDA (ADC)
Current consumption of
the ADC(1)
VDDA = 3.3 V
-
0.9
-
mA
fADC
ADC clock frequency
-
0.6
-
14
MHz
fS(2)
Sampling rate
12-bit resolution
0.043
-
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com