Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 89Page - STMicroelectronics STM32F091RC Datasheet HTML 90Page - STMicroelectronics STM32F091RC Datasheet HTML 91Page - STMicroelectronics STM32F091RC Datasheet HTML 92Page - STMicroelectronics STM32F091RC Datasheet HTML 93Page - STMicroelectronics STM32F091RC Datasheet HTML 94Page - STMicroelectronics STM32F091RC Datasheet HTML 95Page - STMicroelectronics STM32F091RC Datasheet HTML 96Page - STMicroelectronics STM32F091RC Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 127 page
background image
DocID026284 Rev 3
93/127
STM32F091xB STM32F091xC
Electrical characteristics
99
6.3.19
Temperature sensor characteristics
6.3.20
VBAT monitoring characteristics
6.3.21
Timer characteristics
The parameters given in the following tables are guaranteed by design.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 62. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
± 1
± 2°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V30
Voltage at 30 °C (
± 5 °C)(2)
1.34
1.43
1.52
V
tSTART(1)
ADC_IN16 buffer startup time
-
-
10
µs
tS_temp(1)
ADC sampling time when reading the
temperature
4-
-
µs
1. Guaranteed by design, not tested in production.
2. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte. Refer to Table 3:
Temperature sensor calibration values.
Table 63. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-2 x 50
-
k
Ω
Q
Ratio on VBAT measurement
-
2
-
Er(1)
Error on Q
–1
-
+1
%
tS_vbat(1)
ADC sampling time when reading the VBAT
4-
-
µs
1. Guaranteed by design, not tested in production.
Table 64. TIMx characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tres(TIM)
Timer resolution time
--
1
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
20.8
-
ns
fEXT
Timer external clock
frequency on CH1 to
CH4
--
fTIMxCLK/2
-MHz
fTIMxCLK = 48 MHz
-
24
-
MHz
tMAX_COUNT
16-bit timer maximum
period
--
216
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
1365
-
µs
32-bit counter
maximum period
--
232
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
89.48
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com