Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 21Page - STMicroelectronics STM32F091RC Datasheet HTML 22Page - STMicroelectronics STM32F091RC Datasheet HTML 23Page - STMicroelectronics STM32F091RC Datasheet HTML 24Page - STMicroelectronics STM32F091RC Datasheet HTML 25Page - STMicroelectronics STM32F091RC Datasheet HTML 26Page - STMicroelectronics STM32F091RC Datasheet HTML 27Page - STMicroelectronics STM32F091RC Datasheet HTML 28Page - STMicroelectronics STM32F091RC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
DocID026284 Rev 3
25/127
STM32F091xB STM32F091xC
Functional overview
27
verifications and ALERT protocol management. I2C1 also has a clock domain independent
from the CPU clock, allowing the I2C1 to wake up the MCU from Stop mode on address
match.
The I2C peripherals can be served by the DMA controller.
Refer to Table 9 for the differences between I2C1 and I2C2.
3.17
Universal synchronous/asynchronous receiver/transmitter
(USART)
The device embeds up to eight universal synchronous/asynchronous receivers/transmitters
(USART1, USART2, USART3, USART4, USART5, USART6, USART7, USART8) which
communicate at speeds of up to 6 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 DE signals,
multiprocessor communication mode, master synchronous communication and single-wire
half-duplex communication mode. USART1, USART2 and USART3 support also SmartCard
communication (ISO 7816), IrDA SIR ENDEC, LIN Master/Slave capability and auto baud
rate feature, and have a clock domain independent of the CPU clock, allowing to wake up
the MCU from Stop mode.
The USART interfaces can be served by the DMA controller.
Table 9. STM32F091xB/xC I2C implementation
I2C features(1)
1. X = supported.
I2C1
I2C2
7-bit addressing mode
X
X
10-bit addressing mode
X
X
Standard mode (up to 100 kbit/s)
X
X
Fast mode (up to 400 kbit/s)
X
X
Fast Mode Plus (up to 1 Mbit/s) with 20 mA output drive I/Os
X
X
Independent clock
X
-
SMBus
X
-
Wakeup from STOP
X
-
Table 10. STM32F091xB/xC USART implementation
USART modes/features(1)
USART1
USART2
USART3
USART4
USART5
USART6
USART7
USART8
Hardware flow control for modem
X
X
-
Continuous communication using DMA
X
X
X
Multiprocessor communication
X
X
X
Synchronous mode
X
X
X
Smartcard mode
X
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com