Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 22Page - STMicroelectronics STM32F091RC Datasheet HTML 23Page - STMicroelectronics STM32F091RC Datasheet HTML 24Page - STMicroelectronics STM32F091RC Datasheet HTML 25Page - STMicroelectronics STM32F091RC Datasheet HTML 26Page - STMicroelectronics STM32F091RC Datasheet HTML 27Page - STMicroelectronics STM32F091RC Datasheet HTML 28Page - STMicroelectronics STM32F091RC Datasheet HTML 29Page - STMicroelectronics STM32F091RC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
Functional overview
STM32F091xB STM32F091xC
26/127
DocID026284 Rev 3
3.18
Serial peripheral interface (SPI) / Inter-integrated sound
interface (I2S)
Two SPIs are able to communicate up to 18 Mbit/s in slave and master modes in full-duplex
and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
Two standard I2S interfaces (multiplexed with SPI1 and SPI2 respectively) supporting four
different audio standards can operate as master or slave at half-duplex communication
mode. They can be configured to transfer 16 and 24 or 32 bits with 16-bit or 32-bit data
resolution and synchronized by a specific signal. Audio sampling frequency from 8 kHz up to
192 kHz can be set by an 8-bit programmable linear prescaler. When operating in master
mode, they can output a clock for an external audio component at 256 times the sampling
frequency.
Single-wire half-duplex communication
X
X
X
IrDA SIR ENDEC block
X
-
-
LIN mode
X
-
-
Dual clock domain and wakeup from Stop mode
X
-
-
Receiver timeout interrupt
X
-
-
Modbus communication
X
-
-
Auto baud rate detection
X
-
-
Driver Enable
X
X
X
1. X = supported.
Table 10. STM32F091xB/xC USART implementation (continued)
USART modes/features(1)
USART1
USART2
USART3
USART4
USART5
USART6
USART7
USART8
Table 11. STM32F091xB/xC SPI/I2S implementation
SPI features(1)
1. X = supported.
SPI1 and SPI2
Hardware CRC calculation
X
Rx/Tx FIFO
X
NSS pulse mode
X
I2S mode
X
TI mode
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com