Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 56Page - STMicroelectronics STM32F091RC Datasheet HTML 57Page - STMicroelectronics STM32F091RC Datasheet HTML 58Page - STMicroelectronics STM32F091RC Datasheet HTML 59Page - STMicroelectronics STM32F091RC Datasheet HTML 60Page - STMicroelectronics STM32F091RC Datasheet HTML 61Page - STMicroelectronics STM32F091RC Datasheet HTML 62Page - STMicroelectronics STM32F091RC Datasheet HTML 63Page - STMicroelectronics STM32F091RC Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
60/127
DocID026284 Rev 3
Table 31. Typical and maximum consumption in Stop and Standby modes
Sym-
bol
Para-
meter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop
mode
Regulator in run
mode, all
oscillators OFF
14.6
14.8
14.9
15.1
15.4
15.8
18
51
97
µA
Regulator in low-
power mode, all
oscillators OFF
3.3
3.4
3.6
3.8
4.1
4.4
11
53
106
Supply
current in
Standby
mode
LSI ON and IWDG
ON
0.9
1.0
1.1
1.2
1.3
1.4
2.3
2.7
3.6
LSI OFF and IWDG
OFF
0.6
0.7
0.8
0.9
1.0
1.1
1.9
2.3
3.0
IDDA
Supply
current in
Stop
mode
Regulator in
run mode, all
oscillators
OFF
1.9
2.0
2.2
2.3
2.4
2.6
3.8
4.2
4.6
Regulator in
low-power
mode, all
oscillators
OFF
1.9
2.0
2.2
2.3
2.4
2.6
3.8
4.2
4.6
Supply
current in
Standby
mode
LSI ON and
IWDG ON
2.3
2.5
2.7
2.8
3.0
3.3
3.8
4.2
4.8
LSI OFF and
IWDG OFF
1.8
1.9
2.0
2.2
2.3
2.5
3.6
3.9
4.2
Supply
current in
Stop
mode
Regulator in
run mode, all
oscillators
OFF
1.2
1.2
1.3
1.3
1.4
1.4
-
-
-
Regulator in
low-power
mode, all
oscillators
OFF
1.2
1.2
1.3
1.3
1.4
1.4
-
-
-
Supply
current in
Standby
mode
LSI ON and
IWDG ON
1.6
1.7
1.8
1.9
2.0
2.1
-
-
-
LSI OFF and
IWDG OFF
1.1
1.1
1.1
1.2
1.3
1.3
-
-
-
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com