Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 79Page - STMicroelectronics STM32F091RC Datasheet HTML 80Page - STMicroelectronics STM32F091RC Datasheet HTML 81Page - STMicroelectronics STM32F091RC Datasheet HTML 82Page - STMicroelectronics STM32F091RC Datasheet HTML 83Page - STMicroelectronics STM32F091RC Datasheet HTML 84Page - STMicroelectronics STM32F091RC Datasheet HTML 85Page - STMicroelectronics STM32F091RC Datasheet HTML 86Page - STMicroelectronics STM32F091RC Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
DocID026284 Rev 3
83/127
STM32F091xB STM32F091xC
Electrical characteristics
99
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 24 and
Table 55, respectively. Unless otherwise specified, the parameters given are derived from
tests performed under the ambient temperature and supply voltage conditions summarized
in Table 24: General operating conditions.
Table 55. I/O AC characteristics(1)(2)
OSPEEDRy
[1:0] value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx
≥ 2 V
-2
MHz
tf(IO)out
Output fall time
-
125
ns
tr(IO)out
Output rise time
-
125
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx
< 2 V
-1
MHz
tf(IO)out
Output fall time
-
125
ns
tr(IO)out
Output rise time
-
125
01
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx
≥ 2 V
-10
MHz
tf(IO)out
Output fall time
-
25
ns
tr(IO)out
Output rise time
-
25
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx
< 2 V
-4
MHz
tf(IO)out
Output fall time
-
62.5
ns
tr(IO)out
Output rise time
-
62.5
11
fmax(IO)out Maximum frequency(3)
CL = 30 pF, VDDIOx
≥ 2.7 V
-
50
MHz
CL = 50 pF, VDDIOx
≥ 2.7 V
-
30
CL = 50 pF, 2 V
≤VDDIOx < 2.7 V
-
20
CL = 50 pF, VDDIOx
< 2 V
-
10
tf(IO)out
Output fall time
CL = 30 pF, VDDIOx
≥ 2.7 V
-
5
ns
CL = 50 pF, VDDIOx
≥ 2.7 V
-
8
CL = 50 pF, 2 V
≤VDDIOx < 2.7 V
-
12
CL = 50 pF, VDDIOx
< 2 V
-
25
tr(IO)out
Output rise time
CL = 30 pF, VDDIOx
≥ 2.7 V
-
5
CL = 50 pF, VDDIOx
≥ 2.7 V
-
8
CL = 50 pF, 2 V
≤VDDIOx < 2.7 V
-
12
CL = 50 pF, VDDIOx
< 2 V
-
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com