Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 50Page - STMicroelectronics STM32F091RC Datasheet HTML 51Page - STMicroelectronics STM32F091RC Datasheet HTML 52Page - STMicroelectronics STM32F091RC Datasheet HTML 53Page - STMicroelectronics STM32F091RC Datasheet HTML 54Page - STMicroelectronics STM32F091RC Datasheet HTML 55Page - STMicroelectronics STM32F091RC Datasheet HTML 56Page - STMicroelectronics STM32F091RC Datasheet HTML 57Page - STMicroelectronics STM32F091RC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
54/127
DocID026284 Rev 3
6.3
Operating conditions
6.3.1
General operating conditions
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 25 are derived from tests performed under the ambient
temperature condition summarized in Table 24.
Table 24. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
48
MHz
fPCLK
Internal APB clock frequency
-
0
48
VDD
Standard operating voltage
-
2.0
3.6
V
VDDIO2
I/O supply voltage
Must not be supplied if VDD
is not present
1.65
3.6
V
VDDA
Analog operating voltage
(ADC and DAC not used)
Must have a potential equal
to or higher than VDD
VDD
3.6
V
Analog operating voltage
(ADC and DAC used)
2.4
3.6
VBAT
Backup operating voltage
-
1.65
3.6
V
VIN
I/O input voltage
TC and RST I/O
-0.3
VDDIOx+0.3
V
TTa I/O
-0.3
VDDA+0.3(1)
FT and FTf I/O
-0.3
5.5(1)
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(2)
UFBGA100
-
364
mW
LQFP100
-
476
LQFP64
-
455
WLCSP64
-
377
UFBGA64
-
308
LQFP48
-
370
UFQFPN48
-
625
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low power dissipation(3)
–40
105
Ambient temperature for the
suffix 7 version
Maximum power dissipation
–40
105
°C
Low power dissipation(3)
–40
125
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 7 version
–40
125
1. For operation with a voltage higher than VDDIOx + 0.3 V, the internal pull-up resistor must be disabled.
2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax. See Section 7.8: Thermal characteristics
3. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.8:
Thermal characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com