Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RC Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F091RC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 52Page - STMicroelectronics STM32F091RC Datasheet HTML 53Page - STMicroelectronics STM32F091RC Datasheet HTML 54Page - STMicroelectronics STM32F091RC Datasheet HTML 55Page - STMicroelectronics STM32F091RC Datasheet HTML 56Page - STMicroelectronics STM32F091RC Datasheet HTML 57Page - STMicroelectronics STM32F091RC Datasheet HTML 58Page - STMicroelectronics STM32F091RC Datasheet HTML 59Page - STMicroelectronics STM32F091RC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
56/127
DocID026284 Rev 3
6.3.4
Embedded reference voltage
The parameters given in Table 28 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions.
6.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 14: Current consumption
measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
VPVD6
PVD threshold 6
Rising edge
2.66
2.78
2.9
V
Falling edge
2.56
2.68
2.8
V
VPVD7
PVD threshold 7
Rising edge
2.76
2.88
3
V
Falling edge
2.66
2.78
2.9
V
VPVDhyst(1)
PVD hysteresis
-
100
-
mV
IDD(PVD)
PVD current consumption
-
0.15
0.26(1)
µA
1. Guaranteed by design, not tested in production.
Table 27. Programmable voltage detector characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 28. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage –40 °C < TA < +105 °C
1.16
1.2
1.25
V
tSTART
ADC_IN17 buffer startup
time
--
-
10(1)
µs
tS_vrefint
ADC sampling time when
reading the internal
reference voltage
-
4(1)
1. Guaranteed by design, not tested in production.
--
µs
ΔVREFINT
Internal reference voltage
spread over the
temperature range
VDDA = 3 V
-
-
10(1)
mV
TCoeff
Temperature coefficient
-
- 100(1)
-
100(1) ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com